Part Number Hot Search : 
SFS3027 15KPJ58 1N4586 HG62E08 SMD07 3843AM 97A37 97A37
Product Description
Full Text Search
 

To Download FDC10-12D12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page 1 of 3 www.pduke.com 2014/4/30 fdc10(w) series 10 watts dc-dc converter output specifications output power 10 watts, max. voltage accuracy single / dual 1% minimum load 0% line regulation ll to hl at full load single / dual 0.2% load regulation no load to full load single dual 0.5% 1% cross regulation(dual) asymmetrical load 25% / 100% fl 5% ripple and noise 20mhz bandwidth single dual see table temperature coefficient 0.02% / oc, max. transient response recovery time 25% load step change 250 s over voltage protection zener diode clamp 3.3vdc output 5vdc output 12vdc output 15vdc output 3.9vdc 6.2vdc 15vdc 18vdc over load protection % of fl at nominal input 150%, max. short circuit protection continuous, automatics recovery general specifications efficiency see table isolation voltage input to output input(output) to case 1600vdc, min. 1minute 1600vdc, min. 1minute isolation resistance 500vdc 10 9 ohms, min. isolation capacitance 300pf, max. switching frequency 300khz10% safety approvals iec60950-1, ul60950-1, & en60950-1 case material nickel-coated copper base material non-conductive black plastic potting material epoxy (ul94 v-0) dimensions 2.00 x 1.00 x 0.40 inch (50.8 x 25.4 x 10.2 mm) weight 27g (0.95oz) mtbf (note 1) mil-hdbk-217f 3.342 x 10 6 hrs input specifications input voltage range fdc10 fdc10-w 12vdc nominal input 24vdc nominal input 48vdc nominal input 24vdc nominal input 48vdc nominal input 9 ~ 18vdc 18 ~ 36vdc 36 ~ 75vdc 9 ~ 36vdc 18 ~ 75vdc input filter pi type input surge voltage 12vdc input 24vdc input 48vdc input 36vdc 100ms, max. 50vdc 100ms, max. 100vdc 100ms, max. input reflected ripple current 30map-p start up time nominal input and constant resistive load power up 20ms remote on/off (option) (note 6) (positive logic) (negative logic) dc-dc on dc-dc off dc-dc on dc-dc off open or 3.5v < vr < 12v short or 0v < vr < 1.2v short or 0v < vr < 1.2v open or 3.5v < vr < 12v input current of remote control pin nominal input - 0.5ma ~ +1ma remote off state input current nominal input 20ma environmental specifications operating ambient temperature (reference derating curve) standard m1 (note 7) m2 (w series) -25oc ~ +85oc (with derating) -40oc ~ +85oc (non-derating) -40oc ~ +85oc (with derating) maximum case temperature +105oc storage temperature range -55oc ~ +125oc thermal impedance (note 8) nature convection nature convection with heat-sink 12oc/watt 10oc/watt thermal shock mil-std-810f vibration mil-std-810f relative humidity 5% to 95% rh emc characteristics emi (note 9) en55022 class b esd en61000-4-2 air contact 8kv 6kv perf. criteria b radiated immunity en61000-4-3 10 v/m perf. criteria a fast transient (note 10) en61000-4-4 2kv perf. criteria b surge (note 10) en61000-4-5 1kv perf. criteria b conducted immunity en61000-4-6 10 vr.m.s perf. criteria a t e c h n i c a l s p e c i f i c a t i o n all specifications are typical at nominal input, ful l load and 25oc otherwise noted. features ? 10 watts output power ? output current up to 2.5a ? standard 2.0 x 1.0 x 0.4 inch package ? high efficiency up to 87% ? 2:1 and 4:1 wide input voltage range ? six-sided continuous shield ? fixed switching frequency (300khz) ? ul60950-1, en60950-1, & iec60950-1 safety approvals ? ce marked ? compliant to rohs ii & reach options negative & positive logic remote on/off description the fdc10 and fdc10-w series offer 10 watts of outp ut power from a 2.0 x 1.0 x 0.4 inch package. fdc10 series have 2:1 wide input voltage of 9 ~ 18, 18 ~ 36 and 36 ~ 75vdc. fdc10-w series have 4:1 ultra wide input voltage of 9 ~ 36 and 18 ~ 75vdc. applications wireless network telecom/datacom industry control system measurement equipment semiconductor equipment
page 2 of 3 www.pduke.com 2014/4/30 fdc10(w) series 10 watts dc-dc converter output current model number input range output voltage min. load full load output (2) ripple & noise no load (3) input current eff (4) (%) capacitor (5) load max fdc10-12s33 9 ~ 18 vdc 3.3 vdc 0ma 2000ma 50mvp-p 17ma 80 6800 f fdc10-12s05 9 ~ 18 vdc 5 vdc 0ma 2000ma 50mvp-p 21ma 81 4700 f fdc10-12s12 9 ~ 18 vdc 12 vdc 0ma 830ma 50mvp-p 38ma 84 690 f fdc10-12s15 9 ~ 18 vdc 15 vdc 0ma 670ma 50mvp-p 36m a 84 470 f fdc10-12d05 9 ~ 18 vdc 5 vdc 0ma 1000ma 75mvp-p 39ma 84 680 f FDC10-12D12 9 ~ 18 vdc 12 vdc 0ma 416ma 75mvp-p 47ma 83 330 f fdc10-12d15 9 ~ 18 vdc 15 vdc 0ma 333ma 75mvp-p 45ma 84 110 f fdc10-24s33 (w) 18 ~ 36 (9 ~ 36) vdc 3.3 vdc 0ma 2000(2500ma) 50mvp-p 15(13ma) 80(78) 6800 f fdc10-24s05 (w) 18 ~ 36 (9 ~ 36) vdc 5 vdc 0ma 2000ma 50mvp-p 22(11ma) 82 (80) 4700 f fdc10-24s12 (w) 18 ~ 36 (9 ~ 36) vdc 12 vdc 0ma 830ma 50mvp-p 18(16 ma) 84 (84) 690 f fdc10-24s15 (w) 18 ~ 36 (9 ~ 36) vdc 15 vdc 0ma 670ma 50mvp-p 36(26ma) 84 (81) 470 f fdc10-24d05 (w) 18 ~ 36 (9 ~ 36) vdc 5 vdc 0ma 1000ma 75mvp-p 2 8(15ma) 83 (82) 680 f fdc10-24d12 (w) 18 ~ 36 (9 ~ 36) vdc 12 vdc 0ma 416ma 75mvp-p 24(15ma) 85 (80) 330 f fdc10-24d15 (w) 18 ~ 36 (9 ~ 36) vdc 15 vdc 0ma 333ma 75mvp-p 31(22ma) 84 (80) 110 f fdc10-48s33 (w) 36 ~ 75 (18 ~ 75) vdc 3.3 vdc 0ma 2000(2500ma) 50mvp-p 11(10ma) 80(76) 6800 f fdc10-48s05 (w) 36 ~ 75 (18 ~ 75) vdc 5 vdc 0ma 2000ma 50mvp-p 14(9ma) 84 (81) 4700 f fdc10-48s12 (w) 36 ~ 75 (18 ~ 75) vdc 12 vdc 0ma 830ma 50mvp-p 14(9ma) 86 (84) 690 f fdc10-48s15 (w) 36 ~ 75 (18 ~ 75) vdc 15 vdc 0ma 670ma 50mvp-p 10(11ma) 87 (84) 470 f fdc10-48d05 (w) 36 ~ 75 (18 ~ 75) vdc 5 vdc 0ma 1000ma 75mvp-p 16(12ma) 84 (82) 680 f fdc10-48d12 (w) 36 ~ 75 (18 ~ 75) vdc 12 vdc 0ma 416ma 75mvp-p 19(20ma) 86 (78) 330 f fdc10-48d15 (w) 36 ~ 75 (18 ~ 75) vdc 15 vdc 0ma 333ma 75mvp-p 16(20ma) 85 (81) 110 f note 1. mil-hdbk-217f @ta=25 oc, full load. 2. typical value at nominal input and full load. (2 0mhz bw.) 3. typical value at nominal input voltage and no lo ad. 4. typical value at nominal input voltage and full load. 5. test by minimum input and constant resistive loa d. 6. the on/off control pin voltage is referenced to -input to order positive logic on/off control add the suff ix-p (ex: fdc10-12s05-p); to order negative logic on-off control add the suff ix-n (ex: fdc10-12s05-n) 7. m1 version is more efficient, therefore, it can be operated in a more extensive temperature range t han standard and m2 version. 8. heat-sink is optional and p/n: 7g-0020c-f. 9. the fdc10 series standard module meets en55022 c lass a and class b with external components. for more detail information, please contact with p- duke. 10. an external input filter capacitor is required if the module has to meet en61000-4-4, en61000-4-5. the filter capacitor power mate suggest: nippon che mi-con ky series, 220 f/100v. caution: this power module is not internally fused. an inpu t line fuse must always be used.
page 3 of 3 www.pduke.com 2014/4/30 fdc10(w) series 10 watts dc-dc converter mechanical drawing pin connection pin single dual 1 + input + input 2 - input - input 3 + output + output 4 no pin common 5 - output - output 6 ctrl(option) ctrl(option) 1. all dimensions in inch (mm) tolerance: x.xx0.02 (x.x0.5) x.xxx0.01 (x.xx0.25) 2. pin pitch tolerance 0.01 (0.25) 3. pin dimension tolerance 0.004 (0.1)


▲Up To Search▲   

 
Price & Availability of FDC10-12D12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X